Part Number Hot Search : 
RLZ30B CLL4734A SI7625DN 7SZ12 FBI2M4S1 SI7625DN CN100 OP593
Product Description
Full Text Search
 

To Download 540-10-504-14-005454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ball grid arrays for .050? grid male pin adapters & female socket www.mill-max.com   516-922-6000 112 series 587, 582 for bga mount adapter pins for bga female socket 2 7 8 ? bga adapter/socket systems are a reliable way to make bgas pluggable, they may also be used as a high density board-to- board interconnect. ? the bga device is soldered to a 8737/4048 adapter (or a 4098/4054 adapter is soldered to a pcb); and then either one can be plugged into a 8214 surface mount socket. ? both socket and adapter have the same footprint as the bga device. ? insertion force is .40n per pin for standard pins 8737/4098. tapered ez-in pins 4048/4054 reduce insertion force to only .08n, and are recommended for pin counts greater than 500. a pry-bar tool (part #828-01-010) is available for extraction. ? insulator material is fr-4 epoxy having a tce to match the bga device and circuit board. .034 dia. .018 dia. .034 dia. .016 dia. .013 dia. .127 .062 .068 .043 dia. .036 dia. .022 dia. .024 .062 .115 .140 ordering information series plating window 8 1 0 4 7 code - - -- no. of pins grid size pattern # determined from footprint pattern pages 113 to 115 3 specify plating code xx= sleeve (pin) contact (clip) 11   10 ?au 10 ?au series plating window 1 1 4 4 code - --- no. of pins grid size pattern # determined from footprint pattern pages 113 to 115 1 plating code xx= pin plating 10   10 ?au bga mount adapter pins 5 0 4 1 0 4 8 - - -- 4 5 for pcb mount standard adapter pin 0 4 1 0 4 8 - - -- 9 5 for pcb mount ez-in adapter pin 0 4 1 0 4 4 - - -- 5 5 5 ez-in pin stan- dard .022 dia. .034 dia. .018 dia. .062 .127 .091 .023 .022 dia. .034 dia. .016 dia. .013 dia. .062 .127 .091 .023 standard pin #8737 ez-in pin #4048 pcb mount standard adapter pin #4098 pcb mount ez-in adapter pin #4054 smt receptacle type #8214 2o(3 %#
www.mill-max.com   516-922-6000 113 15 x 15 xxx-xx-225-07-006 16 x 16 xxx-xx-240-08-005 15 x 15 xxx-xx-088-07-005 15 x 15 xxx-xx-132-08-005 16 x 16 xxx-xx-255-08-005 16 x 16 xxx-xx-256-08-005 17 x 17 xxx-xx-216-09-005 17 x 17 xxx-xx-233-09-005 17 x 17 xxx-xx-289-09-000 19 x 19 xxx-xx-357-09-005 19 x 19 xxx-xx-361-10-005 20 x 20 xxx-xx-256-10-005 20 x 20 xxx-xx-272-10-005 20 x 20 xxx-xx-308-10-005 20 x 20 xxx-xx-316-10-005 20 x 20 xxx-xx-336-10-005 20 x 20 xxx-xx-336-10-007 20 x 20 xxx-xx-400-10-005 22 x 22 xxx-xx-472-11-005 21 x 21 xxx-xx-441-11-005 23 x 23 xxx-xx-304-11-005 23 x 23 xxx-xx-329-12-005 24 x 24 xxx-xx-256-12-006 23 x 23 xxx-xx-433-12-005 24 x 24 xxx-xx-576-12-005 20 x 20 xxx-xx-292-10-005 ball grid array footprints (.050? grid) top view shown. many other standard footprints are available. visit www.mill-max.com for a complete selection.
www.mill-max.com   516-922-6000 114 xxx-xx-444-13-005 25 x 25 25 x 25 xxx-xx-624-13-005 26 x 26 xxx-xx-352-13-005 26 x 26 xxx-xx-356-13-006 26 x 26 xxx-xx-420-13-005 26 x 26 xxx-xx-388-13-005 26 x 26 xxx-xx-456-13-005 26 x 26 xxx-xx-484-13-005 26 x 26 xxx-xx-676-13-005 27 x 27 xxx-xx-416-14-005 27 x 27 xxx-xx-504-14-005 28 x 28 xxx-xx-524-14-005 29 x 29 xxx-xx-480-15-005 29 x 29 xxx-xx-503-15-005 29 x 29 xxx-xx-576-15-007 29 x 29 xxx-xx-829-15-005 ball grid array footprints (.050? grid) top view shown. many other standard footprints are available. visit www.mill-max.com for a complete selection.
www.mill-max.com   516-922-6000 115 xxx-xx-520-16-005 31 x 31 32 x 32 xxx-xx-540-16-005 xxx-xx-768-16-005 31 x 31 34 x 34 xxx-xx-731-17-005 xxx-xx-600-18-005 35 x 35 35 x 35 xxx-xx-652-18-005 xxx-xx-576-15-005 xxx-xx-665-16-005 31 x 31 xxx-xx-672-16-005 31 x 31 xxx-xx-736-16-005 31 x 31 32 x 32 xxx-xx-959-16-005 xxx-xx-940-16-005 31 x 31 xxx-xx-560-17-005 33 x 33 30 x 30 30 x 30 xxx-xx-644-15-005 30 x 30 xxx-xx-596-15-005 30 x 30 xxx-xx-656-15-005 ball grid array footprints (.050? grid) top view shown. many other standard footprints are available. visit www.mill-max.com for a complete selection.


▲Up To Search▲   

 
Price & Availability of 540-10-504-14-005454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X